c o p y r igh t @ w i n s em i microelectronics c o . , lt d . , a l l ri g h t r e s er v ed . WFP740 WFP740 WFP740 WFP740 rev.a sep.2010 silicon silicon silicon silicon n-channel n-channel n-channel n-channel mosfet mosfet mosfet mosfet features ? 10a,400v,r ds(on) (max 0.55 ? )@v gs =10v ? ultra-low gate charge(typical 60nc) ? fast switching capability ? 100%avalanche tested ? maximum junction temperature range(150 ) general description this power mosfet is produced using winsemi's advanced planar stripe, v dmos technology. this latest technology has been especially designed to minimize on -state resistance,have a high rugged avalanche characteristics. this devices is specially well suited for high efficiency switch model power supplies, power factor correction and half bridge and full bridge resonant topology line a electronic lamp ballast. absolute maximum ratings symbol parameter value units v dss drain source voltage 400 v i d continuous drain current(@tc=25 ) 10 a continuous drain current(@tc=100 ) 6.3 a i dm drain current pulsed (note1) 40 a v gs gate to source voltage 30 v e as single pulsed avalanche energy (note2) 450 mj e ar repetitive avalanche energy (note1) 13 mj dv/dt peak diode recovery dv /dt (note3) 4 v/ ns p d total power dissipation(@tc=25 ) 134 w derating factor above 25 1.0 w/ t j ,t stg junction and storage temperature -55~150 t l maximum lead temperature for soldering purposes 300 thermal characteristics symbol parameter value units min typ max r qjc thermal resistance , junction -to -case - - 0.93 /w r qcs thermal resistance, case- to -sink - 0.5 - /w r qja thermal resistance , junction-to -ambient - - 62 /w
steady, steady, steady, steady, keep keep keep keep you you you you advance advance advance advance WFP740 WFP740 WFP740 WFP740 2 / 7 electrical characteristics(tc=25 ) characteristics symbol test condition min type max unit gate leakage current i gss v gs = 30 v,v ds =0v - - 100 na gate-source breakdown voltage v (br)gss i g = 10 a,v ds =0v 30 - - v drain cut -off current i dss v ds = 400 v,v gs =0v - - 25 a drain -source breakdown voltage v (br)dss i d =250 a,v gs =0v 400 - - v break voltage temperature coefficient bv dss / t j i d =250 a, referenced to 25 - 0.4 - v/ gate threshold voltage v gs(th) v ds =10v,i d =250 a 2 - 4 v drain -source on resistance r ds(on) v gs =10v,i d = 5 a - 0.48 0.55 ? forward transconductance gfs v ds =40v,i d =5a - 9.6 - s input capacitance c iss v ds =25v, v gs =0v, f=1mhz - 1400 1800 pf reverse transfer capacitance c rss - 36 46 output capacitance c oss - 150 195 switching time rise time tr v dd = 200 v, i d = 10 a r g = 25 ? (note4,5) - 20 50 ns turn-on time ton - 80 170 fall time tf - 125 260 turn-off time toff - 85 180 total gate charge(gate-source plus gate-drain) qg v dd = 320 v , v gs =10v, i d = 10 a (note 4 ,5) - 60 71 nc gate-source charge qgs - 7 - gate-drain("miller") charge qgd - 27 - source-drain ratings and characteristics(ta=25 ) characteristics symbol test condition min type max unit continuous drain reverse current i dr - - - 10 a pulse drain reverse current i drp - - - 40 a forward voltage(diode) v dsf i dr = 10 a,v gs =0v - 1.4 1.5 v reverse recovery time trr i dr = 10 a,v gs =0v , di dr / dt =100 a / s - 330 - ns reverse recovery charge qrr - 3.57 - c note 1.repeativity rating :pulse width limited by junction temperature 2.l= 7.9m h i as = 10 a,v dd = 50 v, r g =0 ? ,starting t j =25 3.i sd 10 a,di/dt 300 a/us,v dd < bv dss ,starting t j =25 4.pulse test:pulse width 300us,duty cycle 2% 5. essentially independent of operating temperature. this transistor is an electrostatic sensitive device please handle with caution
steady, steady, steady, steady, keep keep keep keep you you you you advance advance advance advance WFP740 WFP740 WFP740 WFP740 3 / 7 fig.1 on-state cha ra cteristics fig.2 transfer characteristics fig.3 capacitance variation vs drain voltage fig.4 breakdown voltage variation vs temperature fig.5 on-resistance variation vs junction temperature fig.6 gate charge characteristics
steady, steady, steady, steady, keep keep keep keep you you you you advance advance advance advance WFP740 WFP740 WFP740 WFP740 4 / 7 fig.7 maximum safe operation area fig.8 maximum drain current vs case temperature fig.9 transient thermal response curve
steady, steady, steady, steady, keep keep keep keep you you you you advance advance advance advance WFP740 WFP740 WFP740 WFP740 5 / 7 fig.10 gate test circuit & waveform fig.11 r esistive switching test circuit & waveform fig.12 uncamped inductive switching test circuit & waveform
steady, steady, steady, steady, keep keep keep keep you you you you advance advance advance advance WFP740 WFP740 WFP740 WFP740 6 / 7 fig.13 peak diode recovery dv/dt test circuit & waveform
steady, steady, steady, steady, keep keep keep keep you you you you advance advance advance advance WFP740 WFP740 WFP740 WFP740 7 / 7 to-220 to-220 to-220 to-220 package package package package dimension dimension dimension dimension unit:mm
|